Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72361J4-Auto Fiches technique(PDF) 144 Page - STMicroelectronics

No de pièce ST72361J4-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361J4-Auto Fiches technique(HTML) 144 Page - STMicroelectronics

Back Button ST72361J4-Auto Datasheet HTML 140Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 141Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 142Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 143Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 144Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 145Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 146Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 147Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 279 page
background image
Serial peripheral interface (SPI)
ST72361xx-Auto
144/279
Doc ID 12468 Rev 3
Figure 70.
Serial peripheral interface block diagram
14.3.1
Functional description
A basic example of interconnections between a single master and a single slave is
illustrated in Figure 71.
The MOSI pins are connected together and the MISO pins are connected together. In this
way data is transferred serially between master and slave (most significant bit first).
The communication is always initiated by the master. When the master device transmits
data to a slave device via MOSI pin, the slave device responds by sending data to the
master device via the MISO pin. This implies full duplex communication with both data out
and data in synchronized with the same clock signal (which is provided by the master device
via the SCK pin).
To use a single data line, the MISO and MOSI pins must be connected at each node (in this
case only simplex communication is possible).
Four possible data/clock timing relationships may be chosen (see Figure 74) but master and
slave must be programmed with the same timing mode.
SPIDR
Read Buffer
8-Bit Shift Register
Write
Read
Data/Address Bus
SPI
SPIE
SPE
MSTR
CPHA
SPR0
SPR1
CPOL
SERIAL CLOCK
GENERATOR
MOSI
MISO
SS
SCK
CONTROL
STATE
SPICR
SPICSR
Interrupt
request
MASTER
CONTROL
SPR2
0
7
0
7
SPIF WCOL
MODF
0
OVR
SSI
SSM
SOD
SOD
bit
SS
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More