Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72361J4-Auto Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce ST72361J4-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361J4-Auto Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button ST72361J4-Auto Datasheet HTML 83Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 84Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 85Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 86Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 87Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 88Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 89Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 90Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 279 page
background image
ST72361xx-Auto
Main clock controller with real time clock MCC/RTC
Doc ID 12468 Rev 3
87/279
10
Main clock controller with real time clock MCC/RTC
The Main Clock Controller consists of three different functions:
●
a programmable CPU clock prescaler
●
a clock-out signal to supply external devices
●
a real time clock timer with interrupt capability
Each function can be used independently and simultaneously.
10.1
Programmable CPU clock prescaler
The programmable CPU clock prescaler supplies the clock for the ST7 CPU and its internal
peripherals. It manages SLOW power saving mode (See Section 7.2: Slow mode for more
details).
The prescaler selects the fCPU main clock frequency and is controlled by three bits in the
MCCSR register: CP[1:0] and SMS.
10.2
Clock-out capability
The clock-out capability is an alternate function of an I/O port pin that outputs a fOSC2 clock
to drive external devices. It is controlled by the MCO bit in the MCCSR register.
10.3
Real time clock timer (RTC)
The counter of the real time clock timer allows an interrupt to be generated based on an
accurate real time clock. Four different time bases depending directly on fOSC2 are available.
The whole functionality is controlled by 4 bits of the MCCSR register: TB[1:0], OIE and OIF.
When the RTC interrupt is enabled (OIE bit set), the ST7 enters ACTIVE HALT mode when
the HALT instruction is executed. See Section 7.5: Active halt mode for more details.
Figure 38.
Main clock controller (MCC/RTC) block diagram
DIV 2, 4, 8, 16
MCC/RTC INTERRUPT
SMS
CP1 CP0
TB1
TB0
OIE
OIF
CPU CLOCK
MCCSR
RTC
COUNTER
TO CPU AND
PERIPHERALS
fOSC2
fCPU
MCO
MCO
TO
WATCHDOG
TIMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More