Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72361J4-Auto Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce ST72361J4-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361J4-Auto Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button ST72361J4-Auto Datasheet HTML 67Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 68Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 69Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 70Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 71Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 72Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 73Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 74Page - STMicroelectronics ST72361J4-Auto Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 279 page
background image
ST72361xx-Auto
I/O ports
Doc ID 12468 Rev 3
71/279
8
I/O ports
8.1
Introduction
The I/O ports offer different functional modes:
transfer of data through digital inputs and outputs
and for specific pins:
external interrupt generation
alternate signal input/output for the on-chip peripherals.
An I/O port contains up to 8 pins. Each pin can be programmed independently as digital
input (with or without interrupt generation) or digital output.
8.2
Functional description
Each port has two main registers:
Data Register (DR)
Data Direction Register (DDR)
and one optional register:
Option Register (OR)
Each I/O pin may be programmed using the corresponding register bits in the DDR and OR
registers: Bit X corresponding to pin X of the port. The same correspondence is used for the
DR register.
The following description takes into account the OR register, (for specific ports which do not
provide this register refer to the I/O Port Implementation section). The generic I/O block
diagram is shown in Figure 32
8.2.1
Input modes
The input configuration is selected by clearing the corresponding DDR register bit.
In this case, reading the DR register returns the digital value applied to the external I/O pin.
Different input modes can be selected by software through the OR register.
Note:
1
Writing the DR register modifies the latch value but does not affect the pin status.
2
When switching from input to output mode, the DR register has to be written first to drive the
correct level on the pin as soon as the port is configured as an output.
3
Do not use read/modify/write instructions (BSET or BRES) to modify the DR register as this
might corrupt the DR content for I/Os configured as input.
External interrupt function
When an I/O is configured as Input with Interrupt, an event on this I/O can generate an
external interrupt request to the CPU.
Each pin can independently generate an interrupt request. The interrupt sensitivity is
independently programmable using the sensitivity bits in the EICR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More