Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC2S6-Auto Fiches technique(PDF) 368 Page - STMicroelectronics

No de pièce ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Fiches technique(HTML) 368 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 363Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 364Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 365Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 366Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 367Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 368Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 369Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 370Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 371Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 368 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Known limitations
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
368/371
LD A,X; check for falling edge
cp A,#$02
jrne OUT
TNZ Y
jrne OUT
LD A,#$01
LD sema,A; set the semaphore to '1' if edge is detected
RIM ; reset the interrupt mask
LD A,sema; check the semaphore status
CP A,#$01
jrne OUT
call call_routine; call the interrupt routine
RIM
OUT:RIM
JP while_loop
.call_routine; entry to call_routine
Push A
Push X
Push CC
.ext1_rt; entry to interrupt routine
LD A,#$00
LD sema,A
IRET
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More