Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC2S6-Auto Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 63Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 64Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 65Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 66Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 67Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 68Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 69Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 70Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Interrupts
67/371
Figure 20.
External interrupt control bits
IS20
IS21
PAOR.7
PADDR.7
PA7
Port A3, port A[7:5] interrupts
PA7
PA6
PA5
PA3
IS10
IS11
PCOR.0
PCDDR.0
PC0
Port C0, port B[7:6] interrupts
PC0
PB7
PB6
IS30
IS31
EICR
PDOR.6
PDDDR.6
PD6
Port D [6:4] interrupts
PD6
PD5
PD4
IS30
IS31
EICR
PDOR.3
PDDDR.3
PD3
Port D [3:1] interrupts
PD3
PD2
PD1
IS10
IS11
EICR
PCOR.3
PCDDR.3
PC3
Port C [3:1] interrupts
PC3
PC2
PC1
Sensitivity
control
ei0 interrupt source
ei0 interrupt source
ei1 interrupt source
IPA bit
Sensitivity
control
EICR
Sensitivity
control
Sensitivity
control
ei2 interrupt source
IPA bit
EICR
Sensitivity
control
ei2 interrupt source
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More