Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC2S6-Auto Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 18Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 19Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 20Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 21Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 22Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 23Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 24Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 25Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Pin description
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
22/371
Figure 3.
32-pin LQFP 7x7 package pinout
For external pin connection guidelines, see Section 12: Electrical characteristics on
page 312.
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 1011 12 13 1415 16
1
2
3
4
5
6
7
8
ei1
ei0
OSC1
OSC2
AIN0/PWM0/PA3
AIN1/ARTIC1/PA5
(HS) MCO3
(HS) MCO4
(HS) MCO5
MCES
RESET
VDD_0
VAREF
VSS_0
PD3/ICAP1_A/AIN13
PD2/ICAP2_A/MCZEM/AIN12
PD1 (HS)/OCMP1_A/MCPWMV/MCDEM
PD0/OCMP2_A/MCPWMW/AIN11
ei2
(HS) 20mA high sink capability
eix associated external interrupt vector
* Once the MTC peripheral is ON, the pin PC4 is configured to an alternate function. PC4 is no longer usable as a digital I/O.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More