Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC2S6-Auto Fiches technique(PDF) 220 Page - STMicroelectronics

No de pièce ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Fiches technique(HTML) 220 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 216Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 217Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 218Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 219Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 220Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 221Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 222Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 223Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
220/371
Figure 95.
Output on pins MCDEM and MCZEM with debug option (DG bit = 1)
Note:
Using the auto-updated MTIM timer: The auto-updated MTIM timer works accurately
within its operating range but some care has to be taken when processing timer-dependent
data such as the step duration for regulation or demagnetization.
For example if an overflow occurs when calculating a simulated end of demagnetization
(MCOMP + demagnetization_time > FFh), the value that is stored in MDREG is:
80h + (MCOMP + demagnetization_time-FFh)/2.
CCC
C
D
Z
DZ
DZ
MCDEM
MCZEM
U events
MCDEM
MCZEM
C
C
CC
CC
C
C
C
C
Debug outputs in sensorless mode
CCC
C
ZZ
Z
MCDEM
MCZEM
Debug outputs in sensor mode
C
Z
Z
Debug outputs in speed measurement mode (TES[1:0] bits equal to 01, 10 or 11)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More