| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7MC2S6-Auto Fiches technique(PDF) 132 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S6-Auto Fiches technique(HTML) 132 Page - STMicroelectronics |
|
132 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) On-chip peripherals ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 132/371 If CPOL is changed at the communication byte boundaries, the SPI must be disabled by resetting the SPE bit. Figure 58. Data clock timing diagram 1. This figure should not be used as a replacement for parametric information. Refer to Section 12: Electrical characteristics. SCK MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI (from slave) SS (to slave) Capture strobe CPHA = 1 CPHA = 0 (CPOL = 1) SCK (CPOL = 0) SCK MISO (from master) MOSI (from slave) SS (to slave) Capture strobe (CPOL = 1) SCK (CPOL = 0) MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit Obsolete Product(s) - Obsolete Product(s) |