Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC560B54X Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 35Page - STMicroelectronics SPC560B54X Datasheet HTML 36Page - STMicroelectronics SPC560B54X Datasheet HTML 37Page - STMicroelectronics SPC560B54X Datasheet HTML 38Page - STMicroelectronics SPC560B54X Datasheet HTML 39Page - STMicroelectronics SPC560B54X Datasheet HTML 40Page - STMicroelectronics SPC560B54X Datasheet HTML 41Page - STMicroelectronics SPC560B54X Datasheet HTML 42Page - STMicroelectronics SPC560B54X Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
PE[14]
PCR[78]
AF0
AF1
AF2
AF3
—
GPIO[78]
SCK_2
E1UC[21]
—
EIRQ[12]
SIUL
DSPI_2
eMIOS_1
—
SIUL
I/O
I/O
I/O
—
I
S
Tristate
—
112
136
C13
PE[15]
PCR[79]
AF0
AF1
AF2
AF3
GPIO[79]
CS0_2
E1UC[22]
—
SIUL
DSPI_2
eMIOS_1
—
I/O
I/O
I/O
—
M
Tristate
—
113
137
A13
Port F
PF[0]
PCR[80]
AF0
AF1
AF2
AF3
—
GPIO[80]
E0UC[10]
CS3_1
—
ADC0_S[8]
SIUL
eMIOS_0
DSPI_1
—
ADC_0
I/O
I/O
O
—
I
J
Tristate
—
55
63
N10
PF[1]
PCR[81]
AF0
AF1
AF2
AF3
—
GPIO[81]
E0UC[11]
CS4_1
—
ADC0_S[9]
SIUL
eMIOS_0
DSPI_1
—
ADC_0
I/O
I/O
O
—
I
J
Tristate
—
56
64
P10
PF[2]
PCR[82]
AF0
AF1
AF2
AF3
—
GPIO[82]
E0UC[12]
CS0_2
—
ADC0_S[10]
SIUL
eMIOS_0
DSPI_2
—
ADC_0
I/O
I/O
I/O
—
I
J
Tristate
—
57
65
T10
Table 6. Functional port pin descriptions (continued)
Port pin
PCR
Function
Peripheral
Pin number
LQFP
100
LQFP
144
LQFP
176
LBGA
208(4)