Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC560B54X Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 19Page - STMicroelectronics SPC560B54X Datasheet HTML 20Page - STMicroelectronics SPC560B54X Datasheet HTML 21Page - STMicroelectronics SPC560B54X Datasheet HTML 22Page - STMicroelectronics SPC560B54X Datasheet HTML 23Page - STMicroelectronics SPC560B54X Datasheet HTML 24Page - STMicroelectronics SPC560B54X Datasheet HTML 25Page - STMicroelectronics SPC560B54X Datasheet HTML 26Page - STMicroelectronics SPC560B54X Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 133 page
background image
PA[12]
PCR[12]
AF0
AF1
AF2
AF3
—
—
GPIO[12]
—
E0UC[28]
CS3_1
EIRQ[17]
SIN_0
SIUL
—
eMIOS_0
DSPI_1
SIUL
DSPI_0
I/O
—
I/O
O
I
I
S
Tristate
31
45
53
T7
PA[13]
PCR[13]
AF0
AF1
AF2
AF3
GPIO[13]
SOUT_0
E0UC[29]
—
SIUL
DSPI_0
eMIOS_0
—
I/O
O
I/O
—
M
Tristate
30
44
52
R7
PA[14]
PCR[14]
AF0
AF1
AF2
AF3
—
GPIO[14]
SCK_0
CS0_0
E0UC[0]
EIRQ[4]
SIUL
DSPI_0
DSPI_0
eMIOS_0
SIUL
I/O
I/O
I/O
I/O
I
M
Tristate
28
42
50
P6
PA[15]
PCR[15]
AF0
AF1
AF2
AF3
—
GPIO[15]
CS0_0
SCK_0
E0UC[1]
WKPU[10](5)
SIUL
DSPI_0
DSPI_0
eMIOS_0
WKPU
I/O
I/O
I/O
I/O
I
M
Tristate
27
40
48
R6
Port B
PB[0]
PCR[16]
AF0
AF1
AF2
AF3
GPIO[16]
CAN0TX
E0UC[30]
LIN0TX
SIUL
FlexCAN_0
eMIOS_0
LINFlex_0
I/O
O
I/O
O
M
Tristate
23
31
39
N3
Table 6. Functional port pin descriptions (continued)
Port pin
PCR
Function
Peripheral
Pin number
LQFP
100
LQFP
144
LQFP
176
LBGA
208(4)