Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC560B54X Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce SPC560B54X
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 17Page - STMicroelectronics SPC560B54X Datasheet HTML 18Page - STMicroelectronics SPC560B54X Datasheet HTML 19Page - STMicroelectronics SPC560B54X Datasheet HTML 20Page - STMicroelectronics SPC560B54X Datasheet HTML 21Page - STMicroelectronics SPC560B54X Datasheet HTML 22Page - STMicroelectronics SPC560B54X Datasheet HTML 23Page - STMicroelectronics SPC560B54X Datasheet HTML 24Page - STMicroelectronics SPC560B54X Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
PA[4]
PCR[4]
AF0
AF1
AF2
AF3
—
—
GPIO[4]
E0UC[4]
—
CS0_1
LIN5RX
WKPU[9](5)
SIUL
eMIOS_0
—
DSPI_1
LINFlex_5
WKPU
I/O
I/O
—
I/O
I
I
S
Tristate
29
43
51
N6
PA[5]
PCR[5]
AF0
AF1
AF2
AF3
GPIO[5]
E0UC[5]
LIN4TX
—
SIUL
eMIOS_0
LINFlex_4
—
I/O
I/O
O
—
M
Tristate
79
118
146
C11
PA[6]
PCR[6]
AF0
AF1
AF2
AF3
—
—
GPIO[6]
E0UC[6]
—
CS1_1
EIRQ[1]
LIN4RX
SIUL
eMIOS_0
—
DSPI_1
SIUL
LINFlex_4
I/O
I/O
—
O
I
I
S
Tristate
80
119
147
D11
PA[7]
PCR[7]
AF0
AF1
AF2
AF3
—
—
GPIO[7]
E0UC[7]
LIN3TX
—
EIRQ[2]
ADC1_S[1]
SIUL
eMIOS_0
LINFlex_3
—
SIUL
ADC_1
I/O
I/O
O
—
I
I
J
Tristate
71
104
128
D16
Table 6. Functional port pin descriptions (continued)
Port pin
PCR
Function
Peripheral
Pin number
LQFP
100
LQFP
144
LQFP
176
LBGA
208(4)