Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC560B40X Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce SPC560B40X
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B40X Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button SPC560B40X Datasheet HTML 32Page - STMicroelectronics SPC560B40X Datasheet HTML 33Page - STMicroelectronics SPC560B40X Datasheet HTML 34Page - STMicroelectronics SPC560B40X Datasheet HTML 35Page - STMicroelectronics SPC560B40X Datasheet HTML 36Page - STMicroelectronics SPC560B40X Datasheet HTML 37Page - STMicroelectronics SPC560B40X Datasheet HTML 38Page - STMicroelectronics SPC560B40X Datasheet HTML 39Page - STMicroelectronics SPC560B40X Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
Package pinouts and signal descriptions
SPC560B40x/50x, SPC560C40x/50x
36/116
DocID14619 Rev 13
PG[7]
PCR[103]
AF0
AF1
AF2
AF3
GPIO[103]
E1UC[16]
—
—
SIUL
eMIOS_1
—
—
I/O
I/O
—
—
M
Tristate
—
—
29
M1
PG[8]
PCR[104]
AF0
AF1
AF2
AF3
—
GPIO[104]
E1UC[17]
—
CS0_2
EIRQ[15]
SIUL
eMIOS_1
—
DSPI_2
SIUL
I/O
I/O
—
I/O
I
S
Tristate
—
—
26
L2
PG[9]
PCR[105]
AF0
AF1
AF2
AF3
GPIO[105]
E1UC[18]
—
SCK_2
SIUL
eMIOS_1
—
DSPI_2
I/O
I/O
—
I/O
S
Tristate
—
—
25
L1
PG[10]
PCR[106]
AF0
AF1
AF2
AF3
GPIO[106]
E0UC[24]
—
—
SIUL
eMIOS_0
—
—
I/O
I/O
—
—
S
Tristate
—
—
114
D13
PG[11]
PCR[107]
AF0
AF1
AF2
AF3
GPIO[107]
E0UC[25]
—
—
SIUL
eMIOS_0
—
—
I/O
I/O
—
—
M
Tristate
—
—
115
B12
PG[12]
PCR[108]
AF0
AF1
AF2
AF3
GPIO[108]
E0UC[26]
—
—
SIUL
eMIOS_0
—
—
I/O
I/O
—
—
M
Tristate
—
—
92
K14
PG[13]
PCR[109]
AF0
AF1
AF2
AF3
GPIO[109]
E0UC[27]
—
—
SIUL
eMIOS_0
—
—
I/O
I/O
—
—
M
Tristate
—
—
91
K16
PG[14]
PCR[110]
AF0
AF1
AF2
AF3
GPIO[110]
E1UC[0]
—
—
SIUL
eMIOS_1
—
—
I/O
I/O
—
—
S
Tristate
—
—
110
B14
Table 6. Functional port pin descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More