Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC560B40X Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce SPC560B40X
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B40X Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button SPC560B40X Datasheet HTML 19Page - STMicroelectronics SPC560B40X Datasheet HTML 20Page - STMicroelectronics SPC560B40X Datasheet HTML 21Page - STMicroelectronics SPC560B40X Datasheet HTML 22Page - STMicroelectronics SPC560B40X Datasheet HTML 23Page - STMicroelectronics SPC560B40X Datasheet HTML 24Page - STMicroelectronics SPC560B40X Datasheet HTML 25Page - STMicroelectronics SPC560B40X Datasheet HTML 26Page - STMicroelectronics SPC560B40X Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
DocID14619 Rev 13
23/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
PA[14]
PCR[14]
AF0
AF1
AF2
AF3
—
GPIO[14]
SCK_0
CS0_0
—
EIRQ[4]
SIUL
DSPI_0
DSPI_0
—
SIUL
I/O
I/O
I/O
—
I
M
Tristate
192842
P6
PA[15]
PCR[15]
AF0
AF1
AF2
AF3
—
GPIO[15]
CS0_0
SCK_0
—
WKPU[10](4)
SIUL
DSPI_0
DSPI_0
—
WKPU
I/O
I/O
I/O
—
I
M
Tristate
182740
R6
PB[0]
PCR[16]
AF0
AF1
AF2
AF3
GPIO[16]
CAN0TX
—
—
SIUL
FlexCAN_0
—
—
I/O
O
—
—
M
Tristate
142331
N3
PB[1]
PCR[17]
AF0
AF1
AF2
AF3
—
—
GPIO[17]
—
—
—
WKPU[4](4)
CAN0RX
SIUL
—
—
—
WKPU
FlexCAN_0
I/O
—
—
—
I
I
S
Tristate
152432
N1
PB[2]
PCR[18]
AF0
AF1
AF2
AF3
GPIO[18]
LIN0TX
SDA
—
SIUL
LINFlex_0
I2C_0
—
I/O
O
I/O
—
M
Tristate
64
100
144
B2
PB[3]
PCR[19]
AF0
AF1
AF2
AF3
—
—
GPIO[19]
—
SCL
—
WKPU[11](4)
LIN0RX
SIUL
—
I2C_0
—
WKPU
LINFlex_0
I/O
—
I/O
—
I
I
S
Tristate
111
C3
PB[4]
PCR[20]
AF0
AF1
AF2
AF3
—
GPIO[20]
—
—
—
GPI[0]
SIUL
—
—
—
ADC
I
—
—
—
I
I
Tristate
325072
T16
Table 6. Functional port pin descriptions (continued)
Pin number