Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC560B40X Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce SPC560B40X
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B40X Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button SPC560B40X Datasheet HTML 11Page - STMicroelectronics SPC560B40X Datasheet HTML 12Page - STMicroelectronics SPC560B40X Datasheet HTML 13Page - STMicroelectronics SPC560B40X Datasheet HTML 14Page - STMicroelectronics SPC560B40X Datasheet HTML 15Page - STMicroelectronics SPC560B40X Datasheet HTML 16Page - STMicroelectronics SPC560B40X Datasheet HTML 17Page - STMicroelectronics SPC560B40X Datasheet HTML 18Page - STMicroelectronics SPC560B40X Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 116 page
background image
DocID14619 Rev 13
15/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
3
Package pinouts and signal descriptions
3.1
Package pinouts
The available LQFP pinouts and the LBGA208 ballmap are provided in the following figures.
For pin signal descriptions, please refer to the device reference manual (RM0017).
Figure 2. LQFP 64-pin configuration(a)
a.
All LQFP64 information is indicative and must be confirmed during silicon validation.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
PB[3]
PC[9]
PA[2]
PA[1]
PA[0]
VSS_HV
VDD_HV
VSS_HV
RESET
VSS_LV
VDD_LV
VDD_BV
PC[10]
PB[0]
PB[1]
PC[6]
PA[11]
PA[10]
PA[9]
PA[8]
PA[7]
PA[3]
PB[15]
PB[14]
PB[13]
PB[12]
PB[11]
PB[7]
PB[6]
PB[5]
VDD_HV_ADC
VSS_HV_ADC
LQFP64 Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More