Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC564L54x Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce SPC564L54x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54x Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button SPC564L54x Datasheet HTML 61Page - STMicroelectronics SPC564L54x Datasheet HTML 62Page - STMicroelectronics SPC564L54x Datasheet HTML 63Page - STMicroelectronics SPC564L54x Datasheet HTML 64Page - STMicroelectronics SPC564L54x Datasheet HTML 65Page - STMicroelectronics SPC564L54x Datasheet HTML 66Page - STMicroelectronics SPC564L54x Datasheet HTML 67Page - STMicroelectronics SPC564L54x Datasheet HTML 68Page - STMicroelectronics SPC564L54x Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 165 page
background image
DocID15457 Rev 12
65/165
SPC56ELx, SPC564Lx
Package pinouts and signal descriptions
164
K9
VSS_LV
—
K10
VSS_LV
—
K11
VSS_LV
—
K12
VDD_LV
—
K14
Not connected
—
K15
H[8]
SIUL
GPIO[120]
GPIO[120]
FlexPWM_1
A[1]
A[1]
DSPI_0
CS6
—
K16
H[7]
SIUL
GPIO[119]
GPIO[119]
FlexPWM_1
X[1]
X[1]
eTimer_2
ETC[1]
ETC[1]
K17
A[3]
SIUL
GPIO[3]
GPIO[3]
eTimer_0
ETC[3]
ETC[3]
DSPI_2
CS0
CS0
FlexPWM_0
B[3]
B[3]
MC_RGM
—
ABS[2]
SIUL
—
EIRQ[3]
L1
F[10]
SIUL
GPIO[90]
GPIO[90]
NPC
EVTO
—
L2
F[11]
SIUL
GPIO[91]
GPIO[91]
NPC
—
EVTI
L3
D[9]
SIUL
GPIO[57]
GPIO[57]
FlexPWM_0
X[0]
X[0]
LINFlexD_1
TXD
—
L4
Not connected
—
L6
VDD_LV
—
L7
VSS_LV
—
L8
VSS_LV
—
L9
VSS_LV
—
L10
VSS_LV
—
L11
VSS_LV
—
L12
VDD_LV
—
L14
Not connected
—
L15
TCK
—
Table 5. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More