Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC564L54x Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce SPC564L54x
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54x Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button SPC564L54x Datasheet HTML 55Page - STMicroelectronics SPC564L54x Datasheet HTML 56Page - STMicroelectronics SPC564L54x Datasheet HTML 57Page - STMicroelectronics SPC564L54x Datasheet HTML 58Page - STMicroelectronics SPC564L54x Datasheet HTML 59Page - STMicroelectronics SPC564L54x Datasheet HTML 60Page - STMicroelectronics SPC564L54x Datasheet HTML 61Page - STMicroelectronics SPC564L54x Datasheet HTML 62Page - STMicroelectronics SPC564L54x Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 165 page
background image
DocID15457 Rev 12
59/165
SPC56ELx, SPC564Lx
Package pinouts and signal descriptions
164
C9
I[0]
SIUL
GPIO[128]
GPIO[128]
eTimer_2
ETC[0]
ETC[0]
DSPI_0
CS4
—
FlexPWM_1
—
FAULT[0]
C10
JCOMP
—
—
JCOMP
C11
H[11]
SIUL
GPIO[123]
GPIO[123]
FlexPWM_1
A[2]
A[2]
C12
I[1]
SIUL
GPIO[129]
GPIO[129]
eTimer_2
ETC[1]
ETC[1]
DSPI_0
CS5
—
FlexPWM_1
—
FAULT[1]
C13
F[14]
SIUL
GPIO[94]
GPIO[94]
LINFlexD_1
TXD
—
C14
B[1]
SIUL
GPIO[17]
GPIO[17]
eTimer_1
ETC[3]
ETC[3]
SSCM
DEBUG[1]
—
FlexCAN_0
—
RXD
FlexCAN_1
—
RXD
SIUL
—
EIRQ[16]
C15
VSS_HV_IO_RING
—
C16
A[4]
SIUL
GPIO[4]
GPIO[4]
eTimer_1
ETC[0]
ETC[0]
DSPI_2
CS1
—
eTimer_0
ETC[4]
ETC[4]
MC_RGM
—
FAB
SIUL
—
EIRQ[4]
C17
F[12]
SIUL
GPIO[92]
GPIO[92]
eTimer_1
ETC[3]
ETC[3]
SIUL
—
EIRQ[30]
D1
F[5]
SIUL
GPIO[85]
GPIO[85]
NPC
MDO[2]
—
D2
F[4]
SIUL
GPIO[84]
GPIO[84]
NPC
MDO[3]
—
Table 5. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More