| Moteur de recherche de fiches techniques de composants électroniques |
|
L6751 Fiches technique(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6751 Fiches technique(HTML) 51 Page - STMicroelectronics |
|
51 / 59 page ![]() L6751 PMBus support (preliminary) Doc ID 023992 Rev 1 51/59 MFR_SPECIFIC_41 N1 F9 RW Byte GDC_THRESHOLD. To access the internal register to set GDC threshold [A] MFR_SPECIFIC_42 N1 FA RW Byte DPM12_THRESHOLD. To access the internal register to set the DPM12 threshold [A] MFR_SPECIFIC_43 N1 FB RW Byte DPM23_THRESHOLD. To access the internal register to set the DPM23 threshold [A] MFR_SPECIFIC_44 N1 FC RW Byte DPM34_THRESHOLD. To access the internal register to set the DPM34 threshold [A] MFR_SPECIFIC_45 N1 FD RW Byte DPM46_THRESHOLD. To access the internal register to set the DPM46 threshold [A] CAPABILITY N 19 R Byte Provides a way for a host system to determine key capabilities of a PMBus device, such as maximum bus speed and PMBus alert. VOUT_MODE N 20 R Byte The device operates in VID mode PMBUS_REVISION N 98 R Byte Revision of the PMBus which the device is compliant to MFR_ID N 99 R Block Returns the manufacturers ID MFR_MODEL N 9A R Block Returns manufacturers model number MFR_REVISION N 9B R Block Returns the device revision number MFR_SPECIFIC_EXT ENDED_COMMAND_ 00 Y 00 R Byte VR12_STATUS1 MFR_SPECIFIC_EXT ENDED_COMMAND_ 01 Y 01 R Byte VR12_STATUS2 MFR_SPECIFIC_EXT ENDED_COMMAND_ 02 Y 02 R Byte VR12_TEMPZONE MFR_SPECIFIC_EXT ENDED_COMMAND_ 03 Y 03 R Byte VR12_IOUT MFR_SPECIFIC_EXT ENDED_COMMAND_ 05 Y 05 R Byte VR12_VRTEMP MFR_SPECIFIC_EXT ENDED_COMMAND_ 07 Y 07 R Byte VR12_STATUS2_LASTREAD MFR_SPECIFIC_EXT ENDED_COMMAND_ 08 Y 08 R Byte VR12_ICCMAX MFR_SPECIFIC_EXT ENDED_COMMAND_ 09 Y 09 R Byte VR12_TEMPMAX Table 16. Supported commands Command Per Rail Code [Hex] Mode Comments |