Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6751 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 24Page - STMicroelectronics L6751 Datasheet HTML 25Page - STMicroelectronics L6751 Datasheet HTML 26Page - STMicroelectronics L6751 Datasheet HTML 27Page - STMicroelectronics L6751 Datasheet HTML 28Page - STMicroelectronics L6751 Datasheet HTML 29Page - STMicroelectronics L6751 Datasheet HTML 30Page - STMicroelectronics L6751 Datasheet HTML 31Page - STMicroelectronics L6751 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
Device configuration and pinstrapping tables
L6751
28/59
Doc ID 023992 Rev 1
2.
Transition threshold specified as delta with respect to previous step (DPM23 is wrt DPM12).
3.
GDC threshold is defined by combining GDC0 and GDC1 bits defined between the two different
pinstrappings DPM1-3 and DPM4-6. See Table 12 for details.
4.
Transition between 1Phase and 2Phase operation is set to 12 A but disabled in PS00h.
5.
Dynamic phase management disabled, IC always working at maximum possible number of phases
except from when in >PS00h when transitioning between 1Phase and 2Phase at 12 A.
Table 12.
GDC threshold definition(1)
GDC1
GDC0
Threshold [A](2)
1
1
0
0
1
0
GDC OFF
1.
GDC threshold is defined by combining GDC0 and GDC1 bits defined between the two different
pinstrappings DPM1-3 and DPM4-6. See Table 11 for details.
2.
N is the number of phase programmed for the multi-phase section.
N17A
⋅
N13A
⋅
N9A
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59