Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM2071 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 25Page - STMicroelectronics UM2071 Datasheet HTML 26Page - STMicroelectronics UM2071 Datasheet HTML 27Page - STMicroelectronics UM2071 Datasheet HTML 28Page - STMicroelectronics UM2071 Datasheet HTML 29Page - STMicroelectronics UM2071 Datasheet HTML 30Page - STMicroelectronics UM2071 Datasheet HTML 31Page - STMicroelectronics UM2071 Datasheet HTML 32Page - STMicroelectronics UM2071 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
UM2071
BlueNRG-1 chat demo application
DocID029370 Rev 3
29/56
aci_gatt_update_char_value(chatServHandle,TXCharHandle,0,len, (uint8_t*)cmd+j);
on the BLE chat client device, the typed characters are sent to the BLE chat server
device by writing the previously added RX characteristic with:
aci_gatt_write_without_resp(connection_handle, rx_handle+1, len, (uint8_t *)cmd+j);
Where connection_handle is the handle returned upon connection as a parameter of
the connection complete event, rx_handle is the RX characteristic handle discovered by the
client device.
Once these API commands have been sent, the values of the TX and RX characteristics
are displayed on the serial terminals.
Figure 18: BLE chat client
Figure 19: BLE chat server



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56