| Moteur de recherche de fiches techniques de composants électroniques |
|
UM2071 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2071 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 56 page ![]() UM2071 BlueNRG-1 Flasher utility DocID029370 Rev 3 23/56 Figure 17: BlueNRG- 1 Flasher utility ‘Comport Setting’ popup When this popup appears, set the BlueNRG-1 pin DIO7 high and reset the BlueNRG-1 device (keeping the DIO7 high); the device should now be in bootloader mode. You can also set a preferred Baudrate for the UART in the popup window and then press OK to return to the GUI. Avoid resetting the device while using the BlueNRG-1 Flasher utility unless the Comport Setting popup is active. If the device is reset, you must toggle the COM port to use the Flasher utility again. |