Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM2071 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 17Page - STMicroelectronics UM2071 Datasheet HTML 18Page - STMicroelectronics UM2071 Datasheet HTML 19Page - STMicroelectronics UM2071 Datasheet HTML 20Page - STMicroelectronics UM2071 Datasheet HTML 21Page - STMicroelectronics UM2071 Datasheet HTML 22Page - STMicroelectronics UM2071 Datasheet HTML 23Page - STMicroelectronics UM2071 Datasheet HTML 24Page - STMicroelectronics UM2071 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
UM2071
BlueNRG-1 Flasher utility
DocID029370 Rev 3
21/56
Figure 13: BlueNRG-1 Flasher utility file selection
By default, the ‘Mass erase’ option beside the ‘Flash’ button is not checked, and only the
required memory pages are erased and written with the file content. When this option is
checked, the memory flash phase is preceded by a full mass erase.
The ‘Verify’ option forces a check to ensure that the memory content has been written
correctly.
Check the ‘Update memory table’ option to update the ‘Device Memory’ table after the
flashing operation. This option is automatically checked when the ‘Verify’ checkbox is
selected.
4.2.3
‘Image File’ tab
The selected file name, size and parsed contents to be flashed to device memory can be
viewed in the ‘Image File’ tab.
Figure 14: BlueNRG-1 Flasher utility image file viewer
4.2.4
‘Device Memory’ tab
Select this tab to view the memory contents of a connected device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56