Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1537 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 44Page - STMicroelectronics UM1537 Datasheet HTML 45Page - STMicroelectronics UM1537 Datasheet HTML 46Page - STMicroelectronics UM1537 Datasheet HTML 47Page - STMicroelectronics UM1537 Datasheet HTML 48Page - STMicroelectronics UM1537 Datasheet HTML 49Page - STMicroelectronics UM1537 Datasheet HTML 50Page - STMicroelectronics UM1537 Datasheet HTML 51Page - STMicroelectronics UM1537 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
UM1537
STM320518-EVAL I/O assignments
Doc ID 023059 Rev 1
49/52
58
PB6
TempSensor/HDMI/RF_SCL / MC_USART1_TX
59
PB7
TempSensor/HDMI/RF_SDA /
MC_USART1_RX
60
BOOT0
BOOT0
61
PB8
User_KEY
62
PB9
IR_OUT
63
VSS_1
VSS
64
VDD_1
VDD
Table 26.
STM32F051R8T6 MCU pin assignments (continued)
Pin name
STM320518-EVAL general I/O assignment
STM320518-EVAL motor
control I/O assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52