Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1537 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 26Page - STMicroelectronics UM1537 Datasheet HTML 27Page - STMicroelectronics UM1537 Datasheet HTML 28Page - STMicroelectronics UM1537 Datasheet HTML 29Page - STMicroelectronics UM1537 Datasheet HTML 30Page - STMicroelectronics UM1537 Datasheet HTML 31Page - STMicroelectronics UM1537 Datasheet HTML 32Page - STMicroelectronics UM1537 Datasheet HTML 33Page - STMicroelectronics UM1537 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Connector
UM1537
30/52
Doc ID 023059 Rev 1
Figure 14.
USB type B connector CN13
3.13
MicroSD connector CN14
Figure 15.
MicroSD connector CN14
Table 24.
USB type B connector CN13
Pin number
Description
Pin number
Description
1
VBUS (power)
4
GND
2DM
5,6
Shield
3DP
Table 25.
MicroSD connector CN14
Pin number
Description
Pin number
Description
15
MicroSDcard_CLK
(PA5)
2
MicroSDcard_CS (PF5)
6
Vss/GND
3
MicroSDcard_DIN
(PA7)
7
MicroSDcard_DOUT
(PB4)
4+3.3 V8
10
MicroSDcard_detect
(PB15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52