Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1537 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 19Page - STMicroelectronics UM1537 Datasheet HTML 20Page - STMicroelectronics UM1537 Datasheet HTML 21Page - STMicroelectronics UM1537 Datasheet HTML 22Page - STMicroelectronics UM1537 Datasheet HTML 23Page - STMicroelectronics UM1537 Datasheet HTML 24Page - STMicroelectronics UM1537 Datasheet HTML 25Page - STMicroelectronics UM1537 Datasheet HTML 26Page - STMicroelectronics UM1537 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
UM1537
Connector
Doc ID 023059 Rev 1
23/52
3.2
RF E2PROM connector CN2
Figure 7.
RF EEPROM daughterboard connector CN2
3.3
HDMI sink connector CN3
Figure 8.
HDMI sink connector CN3
Encoder B
PB3
33
34
PB10
Encoder index
MC_BEMF_B
PC1
PC3
MC_BEMF_C
Table 14.
Motor control connector CN1
Description
Pin of
STM32F051R8T6
Pin no. of
CN1
Pin no. of
CN1
Pin of
STM32F051R8T6
Description
Table 15.
RF E2PROM connector CN2
Pin number
Description
Pin number
Description
1
SDA (PB7)
3
+5 V
2
SCL (PB6)
4
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52