Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1018 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 21Page - STMicroelectronics UM1018 Datasheet HTML 22Page - STMicroelectronics UM1018 Datasheet HTML 23Page - STMicroelectronics UM1018 Datasheet HTML 24Page - STMicroelectronics UM1018 Datasheet HTML 25Page - STMicroelectronics UM1018 Datasheet HTML 26Page - STMicroelectronics UM1018 Datasheet HTML 27Page - STMicroelectronics UM1018 Datasheet HTML 28Page - STMicroelectronics UM1018 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
UM01018
Connectors
Doc ID 18141 Rev 2
25/42
3.11
MicroSD Card connector CN4
Figure 11.
MicroSD Card connector CN4 (viewed from front)
3.12
BNC connector CN13
Figure 12.
Analog input connector CN13 (viewed from bottom)
Table 21.
MicroSD Card connector CN4
Pin number
Description
Pin number
Description
1
5
MicroSDcard_CLK (PB13)
2
MicroSDcard_CS (PD7)
6
Vss/GND
3
MicroSDcard_DIN(PB15)
7
MicroSDcard_DOUT(PB14)
4+3V3
8
9
MicroSDcard_detect (PE6)
Table 22.
Analog input connector CN13
Pin number
Description
Pin number
Description
1
GND
4
GND
2
GND
5
Analog input PA5
3GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42