| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1018 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1018 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 42 page ![]() Connectors UM01018 22/42 Doc ID 18141 Rev 2 3.5 ST-LINK/V2 programming connector CN10 Connector CN10 is used only for embedded ST-LINK/V2 programming during board manufacture. It is not populated by default and is not for end user usage. 4 PD13 LCD glass_SEG33 Remove LCD glass U20 6 PD11 LCD glass_SEG31 Remove LCD glass U20 8 PD9 LCD glass_SEG29 Remove LCD glass U20 10 GND - - 12 PD8 LCD glass_SEG28 Remove LCD glass U20 14 PB14 uSD_SPI2_ - 16 PB12 POT_ADC18 JP17 open 18 PB10 LCD glass_SEG10 Remove LCD glass U20 20 PE15 LCD_SPI1_MOSI - 22 PE13 LCD_SPI1_SCK - 24 PH1 OSC_OUT Remove X2 from socket and close SB2 26 PE11 JOYSTICK_RIGHT Remove R117 28 PE9 JOYSTICK_UP Remove R126 30 GND - - 32 PB2 BOOT1 / TS_LOAD - 34 PB0 LCD glass_SEG5 Remove LCD glass U20 36 PC4 LCD glass_SEG22 Remove LCD glass U20 38 PA6 LCD glass_SEG3 Remove LCD glass U20 40 PA5 BNC JP14 open 42 PA3 LCD glass_SEG2 Remove LCD glass U20 44 PA1 LCD glass_SEG0 Remove LCD glass U20 46 PC2 LCD glass_SEG20 Remove LCD glass U20 48 PC0 LCD glass_SEG18 Remove LCD glass U20 50 GND - - Table 16. Daughterboard extension connector CN7 (continued) Pin Description Alternative function How to disconnect with function block on STM32L152-EVAL board |