Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1018 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 14Page - STMicroelectronics UM1018 Datasheet HTML 15Page - STMicroelectronics UM1018 Datasheet HTML 16Page - STMicroelectronics UM1018 Datasheet HTML 17Page - STMicroelectronics UM1018 Datasheet HTML 18Page - STMicroelectronics UM1018 Datasheet HTML 19Page - STMicroelectronics UM1018 Datasheet HTML 20Page - STMicroelectronics UM1018 Datasheet HTML 21Page - STMicroelectronics UM1018 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Connectors
UM01018
18/42
Doc ID 18141 Rev 2
3
Connectors
3.1
RS-232 connectors (CN2, CN5)
Figure 6.
RS-232 connector (viewed from front)
3.2
TFT LCD connector (CN14)
A TFT color LCD board (MB895) is mounted on CN14.
Table 13.
RS-232 connector CN2 with HW flow control and ISP support
Pin number
Description
Pin number
Description
1
6
Bootloader_BOOT0
2
RS-232_RX (PD6)
7
RS-232_RTS(PD4)
3
RS-232_TX (PD5)
8
RS-232_CTS(PD3)/Bootloader_RESET
4NC
9
NC
5GND
Table 14.
RS-232 connector CN5
Pin number
Description
Pin number
Description
1
NC
6
Connected to pin4
2
RS-232_RX (PC11)
7
Connected to pin8
3
RS-232_TX (PC10)
8
Connected to pin7
4
Connected to pin6
9
NC
5GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42