Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV6404 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce VV6404
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6404 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button VV6404 Datasheet HTML 26Page - STMicroelectronics VV6404 Datasheet HTML 27Page - STMicroelectronics VV6404 Datasheet HTML 28Page - STMicroelectronics VV6404 Datasheet HTML 29Page - STMicroelectronics VV6404 Datasheet HTML 30Page - STMicroelectronics VV6404 Datasheet HTML 31Page - STMicroelectronics VV6404 Datasheet HTML 32Page - STMicroelectronics VV6404 Datasheet HTML 33Page - STMicroelectronics VV6404 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
30/54
A detailed description of each register follows. The address indexes are shown as binary numbers in brackets [].
Index
Name
Length
R/W
Default
Comments
000_0000
deviceH
8
RO
0001 10012
Chip identification number
including revision indicator
000_0001
deviceL
8
RO
0100 00002
000_0010
status0
8
RO
0000 10002
000_0011
line_countH
8
RO
Current line counter MSB value
000_0100
line_countL
8
RO
Current line counter LSB value
000_0101
Unused
000_011x
Unused
000_1xxx
Unused
001_0000
setup0
8
R/W
0001 00012
001_0001
setup1
8
R/W
1100 00012
001_0010
setup2
8
R/W
31
Contains pixel counter reset
value used by external sync.
001_0011
Reserved
001_0100
setup4
8
R/W
0
FST and QCK mode selects
001_0101
setup5
8
R/W
0
FST and QCK mapping mode.
001_011x
Unused
001_1xxx
Unused
010_0000
fineH
8
R/W
0
Fine exposure.
010_0001
fineL
8
R/W
010_0010
coarseH
8
R/W
302
Coarse exposure
010_0011
coarseL
8
R/W
010_0100
gain
3
R/W
0
ADC Pre-amp gain Setting
010_0101
clk_div
2
R/W
0
Clock division
010_0110
Unused
010_0111
Unused
010_1xxx
Unused
111_0000
Reserved
111_0001
Reserved
111_0010
Reserved
111_0011
Unused
111_0100
Reserved
111_0101
Reserved
111_0110
cr
8
R/W
0000 00002
Control Register
111_0111
as0
8
R/W
0100 01002
ADC Setup Register
111_1000
Reserved
111_1001
Unused
111_101x
Unused
111_11xx
Unused
Table 8 : Serial Interface Address Map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54