| Moteur de recherche de fiches techniques de composants électroniques |
|
VV6404 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VV6404 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 54 page ![]() Figure 10 : Entering and Exiting Low Power Mode. N 0 1 D[3:0] CLKI Frame Number SDA SCL 2 3 4 5 Start of Frame Line for the 1st frame of valid video data. Valid Video data. setup0[0] LP0-LP1 “Enter Low Power Mode” Command. LP2 At end of current frame, D[3:0] is set to FH and the VM6404 sensor’s analogue circuitry is powered down. LP3-LP4 “Exit Low Power Mode” Command. Powers-up analogue circuits and initiates the VM6404 sensor’s 4-frame start-up sequence LP5-LP6 1 Frame of alternating 9H & 6H data on D[3:0] for the video processor to determine the best sampling phase for the nibble data (D[3:0]). LP7-LP8 4 Frames after the “Exit low Power Mode” command, the sensor starts outputing valid video data. One frame of 9H & 6H data. FH FH 9H,6H,9H,6H... |