| Moteur de recherche de fiches techniques de composants électroniques |
|
VV6404 Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VV6404 Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 54 page ![]() Figure 5 : Embedded Control Sequence (i) Line Number (L11 MSB) (Line Code) Escape/Sync Sequence Bit 76 543210 Odd word parity FH FH FH FH 0H 0H YH XH D2 D3 D0 D1 P2 P3 P1 P0 or (ii) If Line Code = End of Line then Nibble XH Nibble YH Nibble D3 Nibble D2 Nibble D1 Nibble D0 Nibble D3 = FH Nibble D1 = FH Nibble D2 = FH Nibble D0= FH Line Code Nibble XH Nibble YH 1 C2 C1 C0 P3 P2 P1 P0 End of Line 10002 (8H)00002 (0H) Blank Line (BL) 10012 (9H) 11012 (DH) Black line (BK) 10102 (AH) 10112 (BH) Visible Line (VL) 10112 (BH)01102 (6H) Start of Frame (SOF) 11002 (CH)01112 (7H) End of Frame (EOF) 11012 (DH) 10102 (AH) Reserved 11102 (EH) 11002 (CH) Reserved 11112 (FH)00012 (1H) Bit 7 654 32 10 C2 1 C1 C0 L7 L8 L6 P L11 0 L10 L9 L1 L2 L0 P L5 0 L4 L3 1 1 11 1 1 11 1 1 11 1 1 11 Supplementary Data Command 4-wire nibble output mode |