Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1S14 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce ST1S14
Description  Power good open collector output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14 Fiches technique(HTML) 5 Page - STMicroelectronics

  ST1S14 Datasheet HTML 1Page - STMicroelectronics ST1S14 Datasheet HTML 2Page - STMicroelectronics ST1S14 Datasheet HTML 3Page - STMicroelectronics ST1S14 Datasheet HTML 4Page - STMicroelectronics ST1S14 Datasheet HTML 5Page - STMicroelectronics ST1S14 Datasheet HTML 6Page - STMicroelectronics ST1S14 Datasheet HTML 7Page - STMicroelectronics ST1S14 Datasheet HTML 8Page - STMicroelectronics ST1S14 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
DocID17977 Rev 2
5/46
ST1S14
List of figure
Figure 46.
Zoom - 1 A to 3 A rising edge load transient (VIN 24 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 47.
Zoom - 1 A to 3 A falling edge load transient (VIN 24 V). . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 48.
1 A to 3 A load transient (VIN 32 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 49.
Zoom - 1 A to 3 A rising edge load transient (VIN 32 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 50.
Zoom - 1 A to 3 A falling edge load transient (VIN 32 V). . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 51.
Package dimensions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46