| Moteur de recherche de fiches techniques de composants électroniques |
|
ST1S14 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST1S14 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 46 page ![]() DocID17977 Rev 2 35/46 ST1S14 Application information Figure 24. Over current protection triggers the current and frequency foldback 7.5 Application circuit Figure 25. Demonstration board application circuit Table 11. Component list Reference Part number Description Manufacturer C2, C3 UMK325BJ106MM-T 10 μF 50 V (size 1210) Taiyo Yuden C6, C6 100 nF 50 V (size 0603) |