Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB4700 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STUSB4700
Description  Smart plugs and wall adapters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4700 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STUSB4700 Datasheet HTML 24Page - STMicroelectronics STUSB4700 Datasheet HTML 25Page - STMicroelectronics STUSB4700 Datasheet HTML 26Page - STMicroelectronics STUSB4700 Datasheet HTML 27Page - STMicroelectronics STUSB4700 Datasheet HTML 28Page - STMicroelectronics STUSB4700 Datasheet HTML 29Page - STMicroelectronics STUSB4700 Datasheet HTML 30Page - STMicroelectronics STUSB4700 Datasheet HTML 31Page - STMicroelectronics STUSB4700 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Package information
STUSB4700
28/32
DocID030193 Rev 2
Symbol
Millimeters
Min
Typ
Max
D
3.95
4.00
4.05
D2
2.55
2.70
2.80
E
3.95
4.00
4.05
E2
2.55
2.70
2.80
e
0.45
0.50
0.55
K
0.15
—
—
L
0.30
0.40
0.50
Figure 9: QFN24 EP 4x4 mm recommended footprint
9.2
Thermal information
Table 22: Thermal information
Symbol
Parameter
Value
Unit
RθJA
Junction-to-ambient thermal resistance
37
°C/W
RθJC
Junction-to-case thermal resistance
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32