Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB4700 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STUSB4700
Description  Smart plugs and wall adapters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4700 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STUSB4700 Datasheet HTML 5Page - STMicroelectronics STUSB4700 Datasheet HTML 6Page - STMicroelectronics STUSB4700 Datasheet HTML 7Page - STMicroelectronics STUSB4700 Datasheet HTML 8Page - STMicroelectronics STUSB4700 Datasheet HTML 9Page - STMicroelectronics STUSB4700 Datasheet HTML 10Page - STMicroelectronics STUSB4700 Datasheet HTML 11Page - STMicroelectronics STUSB4700 Datasheet HTML 12Page - STMicroelectronics STUSB4700 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
STUSB4700
Inputs/outputs
DocID030193 Rev 2
9/32
switches that are protected against short-circuit and overvoltage. When a valid source-to-
sink connection is determined and VCONN power switches enabled, VCONN is provided by the
Source to the unused CC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32