Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB4700 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce STUSB4700
Description  Smart plugs and wall adapters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4700 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button STUSB4700 Datasheet HTML 23Page - STMicroelectronics STUSB4700 Datasheet HTML 24Page - STMicroelectronics STUSB4700 Datasheet HTML 25Page - STMicroelectronics STUSB4700 Datasheet HTML 26Page - STMicroelectronics STUSB4700 Datasheet HTML 27Page - STMicroelectronics STUSB4700 Datasheet HTML 28Page - STMicroelectronics STUSB4700 Datasheet HTML 29Page - STMicroelectronics STUSB4700 Datasheet HTML 30Page - STMicroelectronics STUSB4700 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
STUSB4700
Package information
DocID030193 Rev 2
27/32
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
9.1
QFN24 EP 4x4 mm package information
Figure 8: QFN24 EP 4x4 mm package outline
Table 21: QFN24 EP 4x4 mm mechanical data
Symbol
Millimeters
Min
Typ
Max
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
b
0.18
0.25
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32