| Moteur de recherche de fiches techniques de composants électroniques |
|
STUSB1602 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB1602 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 55 page ![]() DocID028319 Rev 2 37/55 STUSB1602 Application 55 VBUS power path assertion Table 22. Conditions for VBUS power path assertion in sink power role Pin Electrical value Operation conditions Comment Type-C attached state VDD pin monitoring VBUS_SENSE pin monitoring VBUS_EN_SNK 0 Attached.SNK or Debug Accessory.SNK Not applicable VBUS is within valid voltage range The signal is asserted only if all the valid operation conditions are met HiZ Any other state Not applicable VBUS is out of valid voltage range The signal is de-asserted when at least one non valid operation condition is met. |