| Moteur de recherche de fiches techniques de composants électroniques |
|
STUSB1602 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB1602 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 55 page ![]() DocID028319 Rev 2 33/55 STUSB1602 Application 55 VBUS power path assertion Table 19. Conditions for VBUS power path assertion in source power role Pin Electrical value Operation conditions Comment Type-C attached state VDD pin monitoring VBUS_SENSE pin monitoring VBUS_EN_SRC 0 Attached.SRC or UnorientedDebug Accessory.SRC or OrientedDebug Accessory.SRC VDD < OVLO if VDD pin is supplied VBUS within valid voltage range The signal is asserted only if all the valid operation conditions are met HiZ Any other state VDD > OVLO if VDD pin is supplied VBUS is out of valid voltage range The signal is de-asserted when at least one non valid operation condition is met. |