Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5501 Fiches technique(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5501
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5501 Fiches technique(HTML) 73 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 69Page - Texas Instruments TMS320VC5501 Datasheet HTML 70Page - Texas Instruments TMS320VC5501 Datasheet HTML 71Page - Texas Instruments TMS320VC5501 Datasheet HTML 72Page - Texas Instruments TMS320VC5501 Datasheet HTML 73Page - Texas Instruments TMS320VC5501 Datasheet HTML 74Page - Texas Instruments TMS320VC5501 Datasheet HTML 75Page - Texas Instruments TMS320VC5501 Datasheet HTML 76Page - Texas Instruments TMS320VC5501 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 197 page
background image
Functional Overview
73
December 2002 − Revised November 2008
SPRS206K
3.9.5.8
Oscillator Wakeup Control Register (WKEN)
This register controls whether different events in the system are enabled to wake up the device after entering
OSCPWRDN.
15
8
Reserved
R, 00000000
7
5
43
21
0
Reserved
WKEN4
WKEN3
WKEN2
WKEN1
WKEN0
R, 000
R/W, 1
R/W, 1
R/W, 1
R/W, 1
R/W, 1
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−22. Oscillator Wakeup Control Register Layout (0x1C98)
Table 3−19. Oscillator Wakeup Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15:5
R
00000000000
Reserved. Reads return 0. Writes have no effect.
WKEN4
4
R/W
1
Input INT3 can wake up the oscillator when the OSCPWRDN bit in
PLLCSR is asserted to logic 1.
WKEN4 = 0: Wake-up enabled. A low-to-high transition on INT3
wakes up the oscillator and clears the OSCPWRDN bit.
WKEN4 = 1: Wake-up disabled. A low-to-high transition on INT3 does
not wake up the oscillator.
WKEN3
3
R/W
1
Input INT2 can wake up the oscillator when the OSCPWRDN bit in
PLLCSR is asserted to logic 1.
WKEN3 = 0: Wake-up enabled. A low-to-high transition on INT2
wakes up the oscillator and clears the OSCPWRDN bit.
WKEN3 = 1: Wake-up disabled. A low-to-high transition on INT2 does
not wake up the oscillator.
WKEN2
2
R/W
1
Input INT1 can wake up the oscillator when the OSCPWRDN bit in
PLLCSR is asserted to logic 1.
WKEN2 = 0: Wake-up enabled. A low-to-high transition on INT1
wakes up the oscillator and clears the OSCPWRDN bit.
WKEN2 = 1: Wake-up disabled. A low-to-high transition on INT1 does
not wake up the oscillator.
WKEN1
1
R/W
1
Input INT0 can wake up the oscillator when the OSCPWRDN bit in
PLLCSR is asserted to logic 1.
WKEN1 = 0: Wake-up enabled. A low-to-high transition on INT0
wakes up the oscillator and clears the OSCPWRDN bit.
WKEN1 = 1: Wake-up disabled. A low-to-high transition on INT0
does not wake up the oscillator.
WKEN0
0
R/W
1
Input NMI can wake up the oscillator when the OSCPWRDN bit in
PLLCSR is asserted to logic 1.
WKEN0 = 0: Wake-up enabled. A low-to-high transition on NMI
wakes up the oscillator and clears the OSCPWRDN bit.
WKEN0 = 1: Wake-up disabled. A low-to-high transition on NMI
does not wake up the oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More