Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5501 Fiches technique(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5501
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5501 Fiches technique(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 29Page - Texas Instruments TMS320VC5501 Datasheet HTML 30Page - Texas Instruments TMS320VC5501 Datasheet HTML 31Page - Texas Instruments TMS320VC5501 Datasheet HTML 32Page - Texas Instruments TMS320VC5501 Datasheet HTML 33Page - Texas Instruments TMS320VC5501 Datasheet HTML 34Page - Texas Instruments TMS320VC5501 Datasheet HTML 35Page - Texas Instruments TMS320VC5501 Datasheet HTML 36Page - Texas Instruments TMS320VC5501 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 197 page
background image
Introduction
33
December 2002 − Revised November 2008
SPRS206K
Table 2−4. Signal Descriptions (Continued)
Pin
Name
Function
Other‡
Pin
Type†
Multiplexed
Signal Name
General-Purpose I/O Pins
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2/BOOTM2
GPIO1/BOOTM1
GPIO0/BOOTM0
I/O/Z
F, G, H,
M
General-purpose configurable inputs/outputs. GPIO[7:0] can be individually
configured as inputs or outputs via the GPIO Direction Register (IODIR). Data can be read
from inputs or written to outputs via the GPIO Data Register (IODATA). The GPIO pins are
configured as inputs after reset.
NOTE: the GPIO7 pin must be low during the rising edge of the reset signal for the device
to operate properly.
Boot mode selection signals. GPIO[2:0]/BOOTM[2:0] are sampled following reset to
configure the boot mode for the DSP. After the boot is completed, these pins can be used
as general-purpose inputs/outputs.
The GPIO4 pin is also used as an output for handshaking purposes on some of the boot
modes. Although this pin is not involved in boot mode selection, users should be aware
that this pin will become active as an output during the boot-load process and should
design accordingly. After the boot-load process is complete, the loaded application may
change the function of the GPIO4 pin.
Input clock source selection. The CLKMD0 bit of the Clock Mode Control Register
(CLKMD) determines which clock, either OSCOUT or X2/CLKIN, is used as an input clock
source to the DSP. If GPIO4 is low at reset, the CLKMD0 bit of the Clock Mode Control
Register (CLKMD) will be set to ‘0’ and the internal oscillator and the external crystal will
generate an input clock (OSCOUT) for the DSP. If GPIO4 is high, the CLKMD0 bit will be
set to ‘1’ and the input clock will be taken directly from the X2/CLKIN pin.
An external crystal must be attached to the X1 and X2/CLKIN pins when the internal
oscillator is used to generate a clock to the DSP. Otherwise, when the oscillator is not
used to generate the input clock for the DSP, an externally generated 3.3-V clock must be
applied to the X2/CLKIN pin and the X1 pin must be left unconnected.
Function selection for multiplexed pins. The GPIO6 pin is used to select the function of
the multiplexed signals in the Parallel Port and the Host Port. The 5501 will be configured
in PGPIO mode (EMIF and HPI are disabled) when the GPIO6 pin is low during reset. The
5501 will be configured in EMIF/HPI mode when the GPIO6 pin is high during reset. The
function of the multiplexed signals will be set once the device is taken out of reset (RESET
pin transitions from a low to high state).
XF
O/Z
F
External output (latched software-programmable signal). XF is set high by the BSET XF
instruction, set low by BCLR XF instruction, or by loading ST1. XF is used for signaling
other processors in multiprocessor configurations or used as a general-purpose output
pin. The XF pin is set to a value of ‘1’ during reset.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup [always enabled]
B − Internal pulldown [always enabled]
C − Hysteresis input
D − Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E − Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode.
If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F − Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G − Pin can be configured as a general-purpose input.
H − PIn can be configured as a general-purpose output.
J
− Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K − Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L
− Fail-safe pin
M − Pin is in high-impedance during reset (RESET pin is low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More