Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5501 Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5501
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5501 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 17Page - Texas Instruments TMS320VC5501 Datasheet HTML 18Page - Texas Instruments TMS320VC5501 Datasheet HTML 19Page - Texas Instruments TMS320VC5501 Datasheet HTML 20Page - Texas Instruments TMS320VC5501 Datasheet HTML 21Page - Texas Instruments TMS320VC5501 Datasheet HTML 22Page - Texas Instruments TMS320VC5501 Datasheet HTML 23Page - Texas Instruments TMS320VC5501 Datasheet HTML 24Page - Texas Instruments TMS320VC5501 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 197 page
background image
Introduction
21
December 2002 − Revised November 2008
SPRS206K
2.3
Signal Descriptions
Table 2−4 lists each signal, function, and operating mode(s) grouped by function. See Section 2.2, Pin
Assignments, for exact pin locations based on package type.
Table 2−4. Signal Descriptions
Pin
Name
Multiplexed
Signal Name
Pin
Type†
Other‡
Function
Parallel Port − Address Bus
A[21:18]
I/O/Z
C, D, E,
F, G, H,
M
The A[21:18] pins of the Parallel Port serve one of two functions: parallel general-purpose
input/output (PGPIO) signals PGPIO[3:0] or external memory interface (EMIF) address
bus signals EMIF.A[21:18]. The function of the A[21:18] pins is determined by the state of
the GPIO6 pin during reset. The A[21:18] pins are set to PGPIO[3:0] if GPIO6 is low during
reset. The A[21:18] pins are set to EMIF.A[21:18] if GPIO6 is high during reset. The
function of the A[21:18] pins will be set once the device is taken out of reset (RESET pin
transitions from a low to high state).
The A[21:18] bus includes bus holders to reduce the static power dissipation caused by
floating, unused pins. The bus holders also eliminate the need for external bias resistors
on unused pins. When the bus goes into a high-impedance state, the bus holders keep the
address bus at the logic level that was most recently driven. The bus holders are enabled
at reset and can be enabled/disabled through the External Bus Control Register (XBCR).
PGPIO[3:0]
I/O/Z
Parallel general-purpose I/O. PGPIO[3:0] is selected if GPIO6 is low during reset. The
PGPIO[3:0] signals are configured as inputs after reset.
EMIF.A[21:18]
O/Z
EMIF address bus. EMIF.A[21:18] is selected if GPIO6 is high during reset. The
EMIF.A[21:18] signals are in a high-impedance state during reset and are configured as
outputs after reset with an output value of 0.
A[17:2]
I/O/Z
C, D, E,
F, M
The A[17:2] pins of the Parallel Port serve one of two functions: external memory interface
(EMIF) address bus signals EMIF.A[17:2] or reserved pins. The function of the A[17:2]
pins is determined by the state of the GPIO6 pin during reset. The A[17:2] pins are
reserved if GPIO6 is low during reset. The A[17:2] pins are set to EMIF.A[17:2] if GPIO6 is
high during reset. The function of the A[17:2] pins will be set once the device is taken out of
reset (RESET pin transitions from a low to high state).
The A[17:2] bus includes bus holders to reduce the static power dissipation caused by
floating, unused pins. The bus holders also eliminate the need for external bias resistors
on unused pins. When the bus goes into a high-impedance state, the bus holders keep the
address bus at the logic level that was most recently driven. The bus holders are enabled
at reset and can be enabled/disabled through the External Bus Control Register (XBCR).
Reserved
I
Reserved pins. These pins are reserved when GPIO6 is low during reset.
EMIF.A[17:2]
O/Z
EMIF address bus. EMIF.A[17:2] is selected when GPIO6 is high during reset. The
EMIF.A[17:2] signals are in a high-impedance state during reset and are configured as
outputs after reset with an output value of 0.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup [always enabled]
B − Internal pulldown [always enabled]
C − Hysteresis input
D − Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E − Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode.
If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F − Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G − Pin can be configured as a general-purpose input.
H − PIn can be configured as a general-purpose output.
J
− Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K − Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L
− Fail-safe pin
M − Pin is in high-impedance during reset (RESET pin is low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More