Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16C596AM Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STP16C596AM
Description  16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16C596AM Fiches technique(HTML) 2 Page - STMicroelectronics

  STP16C596AM Datasheet HTML 1Page - STMicroelectronics STP16C596AM Datasheet HTML 2Page - STMicroelectronics STP16C596AM Datasheet HTML 3Page - STMicroelectronics STP16C596AM Datasheet HTML 4Page - STMicroelectronics STP16C596AM Datasheet HTML 5Page - STMicroelectronics STP16C596AM Datasheet HTML 6Page - STMicroelectronics STP16C596AM Datasheet HTML 7Page - STMicroelectronics STP16C596AM Datasheet HTML 8Page - STMicroelectronics STP16C596AM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
STP16C596A
2/18
Table 2: Current Accuracy
Figure 1: Pin Connection (Note 1)
Note 1: The exposed Pad is electrically not connected.
Table 3: Pin Description
Output Voltage
Current accuracy
Output Current
Between bits
Between ICs
≥ 0.7V
TYP. ± 3%
± 6%
15 to 120 mA
PIN N°
Symbol
Name and Function
1
GND
Ground Terminal
2
SDI
Serial data input terminal
3
CLK
Clock input terminal
4
/LE
Latch input terminal
5-20
OUT 0-15
Output terminal
21
/OE
Input terminal of output enable (active low)
22
SDO
Serial data out terminal
23
R-EXT
Input terminal of an external resistor for constant current programing
24
VDD
Supply voltage terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18