Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99MD02 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 25Page - STMicroelectronics L99MD02 Datasheet HTML 26Page - STMicroelectronics L99MD02 Datasheet HTML 27Page - STMicroelectronics L99MD02 Datasheet HTML 28Page - STMicroelectronics L99MD02 Datasheet HTML 29Page - STMicroelectronics L99MD02 Datasheet HTML 30Page - STMicroelectronics L99MD02 Datasheet HTML 31Page - STMicroelectronics L99MD02 Datasheet HTML 32Page - STMicroelectronics L99MD02 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
L99MD02
Functional description of the SPI
Doc ID 16082 Rev 5
29/46
A <Read and Clear Status> operation addressed to an unused RAM address will be
identical to a <Read Mode> operation (in case of unused RAM address, the second byte will
be equal to 00H).
The returned data byte represents the content of the register to be read.
Failures are indicated by activating the corresponding bit of the <Global Status> register.
6.6
Read device information
OC0, OC1: operating code (11 for ‘read device information mode)
The device information is stored at the ROM In the ROM memory area, the first 8 bits are
used. All unused ROM addresses will be read as ‘0’.
Note:
ROM address 3FH is unused. An attempt to access this address is recognized as a
communication line error (‘Data-in stuck to VCC’) all internal registers will be cleared
(software reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46