Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99MD02 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce L99MD02
Description  Two current monitor outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD02 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button L99MD02 Datasheet HTML 20Page - STMicroelectronics L99MD02 Datasheet HTML 21Page - STMicroelectronics L99MD02 Datasheet HTML 22Page - STMicroelectronics L99MD02 Datasheet HTML 23Page - STMicroelectronics L99MD02 Datasheet HTML 24Page - STMicroelectronics L99MD02 Datasheet HTML 25Page - STMicroelectronics L99MD02 Datasheet HTML 26Page - STMicroelectronics L99MD02 Datasheet HTML 27Page - STMicroelectronics L99MD02 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Functional description of the SPI
L99MD02
24/46
Doc ID 16082 Rev 5
Figure 8.
SPI frame structure
6.2
SPI communication flow
6.2.1
General description
The proposed SPI communication is based on a standard SPI interface structure using CSN
(Chip Select Not), SDI (Serial Data In), SDO (Serial Data Out/Error) and SCK (Serial Clock)
signal lines. Maximum SPI frequency is 1 MHz.
At the beginning of each communication the master reads the <SPI-frame-ID> register
(ROM address 3EH) of the slave device. This 8-bit register indicates the SPI frame length
(24 bit for the L99MD02) and the availability of additional features.
Each communication frame consists of an instruction byte which is followed by 2 data bytes
(Figure 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46