Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC87338 Fiches technique(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Fiches technique(HTML) 78 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 74Page - National Semiconductor (TI) PC87338 Datasheet HTML 75Page - National Semiconductor (TI) PC87338 Datasheet HTML 76Page - National Semiconductor (TI) PC87338 Datasheet HTML 77Page - National Semiconductor (TI) PC87338 Datasheet HTML 78Page - National Semiconductor (TI) PC87338 Datasheet HTML 79Page - National Semiconductor (TI) PC87338 Datasheet HTML 80Page - National Semiconductor (TI) PC87338 Datasheet HTML 81Page - National Semiconductor (TI) PC87338 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 221 page
background image
78
www.national.com
The motor enable and drive select signals for drives 2
and 3 are only available when four drives are support-
ed, i.e., when bit 4 of FER is 1, or when drives 2 and
0 are exchanged. These signals require external log-
ic.
FIGURE 47. DOR Register Bitmap
Bits 1,0 - Drive Select
These bits select a drive, so that only one drive se-
lect output signal is active at a time.
See four-drive encoding bit 4 of FER on page 46
and logical drive exchange bits 3,2 of TDR on
page 80 for more information.
00 - Drive 0 is selected. (Default)
01 - Drive 1 is selected.
10 - If four drives are supported, or drives 2 and 0
are exchanged, drive 2 is selected.
11 - If four drives are supported, drive 3 is select-
ed.
Bit 2 - Reset Controller
This bit can cause a software reset. The controller
remains in a reset state until this bit is set to 1.
A software reset affects the CONFIGURE and
MODE commands. See Section 3.6.2 on page 94
and 3.6.7 on page 101, respectively. A software
reset does not affect the Data rate Select Register
(DSR), Configuration Control Register (CCR) and
other bits of this register (DOR).
This bit must be low for at least 100 nsec. There is
enough time during consecutive writes to the DOR
to reset software by toggling this bit.
0 - Reset controller. (Default)
1 - No reset.
Bit 3 - DMA Enable (DMAEN)
In PC-AT mode, this bit enables DMA operations
by controlling the DRQ, DACK, TC and IRQ6 DMA
signals. In PC-AT mode, this bit is set to 0 after re-
set.
In PS/2 mode, this bit is reserved, and DRQ,
DACK, TC and IRQ6 are enabled. During reset,
DRQ, DACK, TC, and IRQ6 remain enabled.
0 - In PC-AT mode, DMA operations are disabled.
DACK and TC are disabled, and DRQ and
IRQ6 are put in TRI-STATE. (Default)
1 - In PC-AT mode, DMA operations are enabled,
i.e., DRQ, DACK, TC and IRQ6 signals are
enabled.
Bit 4- Motor Enable 0
If four drives are supported (bit 4 of the Function
Enable Register (FER) is 1), this bit may control
the motor output signal for drive 0, depending on
the remaining bits of this register. See Table 36.
If two drives are supported (bit 4 of the Function
Enable Register (FER) is 0), this bit controls the
motor output signal for drive 0.
0 - The motor signal for drive 0 is not active.
1 - The motor signal for drive 0 is active.
Bit 5 - Motor Enable 1
If four drives are supported (bit 4 of the Function
Enable Register (FER) is 1), this bit may control
the motor output signal for drive 0, depending on
the remaining bits of this register. See Table 36.
If two drives are supported (bit 4 of the Function
Enable Register (FER) is 0), this bit controls the
motor output signal for drive 1.
0 - The motor signal for drive 1 is not active.
1 - The motor signal for drive 1 is active.
Bit 6 - Motor Enable 2
If drives 2 and 0 are exchanged (see logical drive
exchange bits 3,2 of TDR on page 80), or if four
drives are supported (bit 4 of the Function Enable
Register (FER) is 1), this bit controls the motor out-
put signal for drive 2. See Table 36.
0 - The motor signal for drive 2 is not active.
1 - The motor signal for drive 2 is active.
Bit 7 - Motor Enable 3
If four drives are supported (bit 4 of the Function
Enable Register (FER) is 1), this bit may control
the motor output signal for drive 3, depending on
the remaining bits of this register. See Table 36.
0 - The motor signal for drive 3 is not active.
1 - The motor signal for drive 3 is active.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Digital Output
Register (DOR)
Offset 010
Reset Controller
Motor Enable 0
Motor Enable 1
Motor Enable 2
Motor Enable 3
Drive Select
DMAEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More