| Moteur de recherche de fiches techniques de composants électroniques |
|
EM351-RTR Fiches technique(PDF) 228 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM351-RTR Fiches technique(HTML) 228 Page - Silicon Laboratories |
|
228 / 241 page ![]() Rev 1.3 228 22. Shipping Box Label Silicon Labs includes the following information on each tape and reel box label (EM357-RTR or EM351-RTR): Package Device Type Quantity (Bar coded) Box ID (Bar coded) Lot Number (Bar coded) Date Code (Bar coded) Figure 22.1 depicts the label position on the box. As shown in this figure, there can be up to two date codes in a single tape and reel. Figure 22.1. Contents Label Box Id LOT No LOT No XXXX.YYYYYY AAAAAA.B.CC DDDDDD.E.FF QTY QTY DATE YYWW DATE YYWW PACKAGE DEVICE BOX QTY 48 LEAD QFN EM357-RTR 2000 |