Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM351-RTR Fiches technique(PDF) 85 Page - Silicon Laboratories

No de pièce EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Fiches technique(HTML) 85 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 81Page - Silicon Laboratories EM351-RTR Datasheet HTML 82Page - Silicon Laboratories EM351-RTR Datasheet HTML 83Page - Silicon Laboratories EM351-RTR Datasheet HTML 84Page - Silicon Laboratories EM351-RTR Datasheet HTML 85Page - Silicon Laboratories EM351-RTR Datasheet HTML 86Page - Silicon Laboratories EM351-RTR Datasheet HTML 87Page - Silicon Laboratories EM351-RTR Datasheet HTML 88Page - Silicon Laboratories EM351-RTR Datasheet HTML 89Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 241 page
background image
85
Rev 1.3
8.4.2. Set Up and Configuration
Both serial controllers, SC1 and SC2, support SPI slave mode. SPI slave mode is enabled by the following register
settings:

The serial controller mode register, SCx_MODE, is 2

The SC_SPIMST bit in the SPI configuration register, SCx_SPICFG, is 0
The SPI slave controller receives its clock from an external SPI master device and supports rates up to 5 Mbps.
The SPI slave controller supports various frame formats depending upon the clock polarity (SC_SPIPOL), clock
phase (SC_SPIPHA), and direction of data (SC_SPIORD) (see Table 8.6). The SC_SPIPOL, SC_SPIPHA, and
SC_SPIORD bits are defined within the SCx_SPICFG registers.
Table 8.6. SPI Slave Formats
SCx_SPICFG
Frame Format
SC_SPIxxx*
MST
ORD
PHA
POL
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
0
1
—
—
Same as above except LSB first instead of MSB first
*Note:
The notation “xxx” means that the corresponding column header below is inserted to form the field name.
TX[7]
RX[7]
TX[6]
RX[6]
TX[5]
RX[5]
TX[4]
RX[4]
TX[3]
RX[3]
TX[2]
RX[2]
TX[1]
RX[1]
TX[0]
RX[0]
nSSEL
SCLKin
MOSIin
MISOout
TX[7]
RX[7]
TX[6]
RX[6]
TX[5]
RX[5]
TX[4]
RX[4]
TX[3]
RX[3]
TX[2]
RX[2]
TX[1]
RX[1]
TX[0]
RX[0]
SCLKin
MOSIin
MISOout
TX[7]
RX[7]
TX[6]
RX[6]
TX[5]
RX[5]
TX[4]
RX[4]
TX[3]
RX[3]
TX[2]
RX[2]
TX[1]
RX[1]
TX[0]
RX[0]
nSSEL
SCLKin
MOSIin
MISOout
TX[7]
RX[7]
TX[6]
RX[6]
TX[5]
RX[5]
TX[4]
RX[4]
TX[3]
RX[3]
TX[2]
RX[2]
TX[1]
RX[1]
TX[0]
RX[0]
nSSEL
MOSIin
MISOout
SCLKin