Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM351-RTR Fiches technique(PDF) 57 Page - Silicon Laboratories

No de pièce EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Fiches technique(HTML) 57 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 53Page - Silicon Laboratories EM351-RTR Datasheet HTML 54Page - Silicon Laboratories EM351-RTR Datasheet HTML 55Page - Silicon Laboratories EM351-RTR Datasheet HTML 56Page - Silicon Laboratories EM351-RTR Datasheet HTML 57Page - Silicon Laboratories EM351-RTR Datasheet HTML 58Page - Silicon Laboratories EM351-RTR Datasheet HTML 59Page - Silicon Laboratories EM351-RTR Datasheet HTML 60Page - Silicon Laboratories EM351-RTR Datasheet HTML 61Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 241 page
background image
57
Rev 1.3
7.10. GPIO Signal Assignment Summary
The GPIO signal assignments are shown in Table 7.5.
Table 7.5. GPIO Signal Assignments
GPIO
Analog
Alternate Output
Input
Output Current
Drive
PA0
TIM2C11, SC2MOSI
TIM2C11, SC2MOSI
Standard
PA1
TIM2C31, SC2MISO, SC2SDA
TIM2C31, SC2MISO, SC2SDA
Standard
PA2
TIM2C41, SC2SCLK, SC2SCL
TIM2C41, SC2SCLK
Standard
PA3
TIM2C21, TRACECLK
TIM2C21, SC2nSSEL
Standard
PA4
ADC4
PTI_EN, TRACEDATA2
Standard
PA5
ADC5
PTI_DATA, TRACEDATA3
nBOOTMODE2
Standard
PA6
TIM1C3
TIM1C3
High
PA7
TIM1C4, REG_EN3
TIM1C4
High
PB0
VREF
TRACECLK
TIM1CLK, TIM2MSK, IRQA
Standard
PB1
TIM2C14, SC1TXD, SC1MOSI,
SC1MISO, SC1SDA
TIM2C14, SC1SDA
Standard
PB2
TIM2C24, SC1SCLK
TIM2C24, SC1MISO, SC1MOSI,
SC1SCL, SC1RXD
Standard
PB3
TIM2C34, SC1SCLK
TIM2C34, SC1SCLK, SC1nCTS
Standard
PB4
TIM2C44, SC1nRTS
TIM2C44, SC1nSSEL
Standard
PB5
ADC0
TIM2CLK, TIM1MSK
Standard
PB6
ADC1
TIM1C1
TIM1C1, IRQB
High
PB7
ADC2
TIM1C2
TIM1C2
High
PC0
TRACEDATA1
JRST5
High
PC1
ADC3
TRACEDATA0, SWO
Standard
PC2
JTDO6, SWO
Standard
PC3
JTDI5
Standard
PC4
SWDIO7
SWDIO7, JTMS7
Standard
PC5
TX_ACTIVE
Standard
PC6
OSC32B
nTX_ACTIVE
Standard
PC7
OSC32A
OSC32_EXT
Standard
Notes:
1.
Default signal assignment (not remapped).
2.
Overrides during reset as an input with pull up.
3.
Overrides after reset as an open-drain output.
4.
Alternate signal assignment (remapped).
5.
Overrides in JTAG mode as a input with pull up.
6.
Overrides in JTAG mode as a push-pull output.
7.
Overrides in Serial Wire mode as either a push-pull output, or a floating input, controlled by the debugger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More