Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM351-RTR Fiches technique(PDF) 211 Page - Silicon Laboratories

No de pièce EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Fiches technique(HTML) 211 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 207Page - Silicon Laboratories EM351-RTR Datasheet HTML 208Page - Silicon Laboratories EM351-RTR Datasheet HTML 209Page - Silicon Laboratories EM351-RTR Datasheet HTML 210Page - Silicon Laboratories EM351-RTR Datasheet HTML 211Page - Silicon Laboratories EM351-RTR Datasheet HTML 212Page - Silicon Laboratories EM351-RTR Datasheet HTML 213Page - Silicon Laboratories EM351-RTR Datasheet HTML 214Page - Silicon Laboratories EM351-RTR Datasheet HTML 215Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 241 page
background image
Rev 1.3
211
19. Pin Definitions
19.1. Pin Definitions
Figure 19.1. EM35x Pin Definitions
Refer to "7. GPIO (General Purpose Input/Output)" on page 50 for details about selecting GPIO pin functions.
VDD_24MHZ
VDD_VCO
RF_N
RF_P
VDD_RF
RF_TX_ALT_P
RF_TX_ALT_N
VDD_IF
NC
VDD_PADSA
PC5, TX_ACTIVE
PB0, VREF, IRQA, TRACECLK, TIM1CLK, TIM2MSK
PC4, JTMS, SWDIO
PC3, JTDI
PC2, JTDO, SWO
SWCLK, JTCK
PB2, SC1MISO, SC1MOSI, SC1SCL, SC1RXD, TIM2C2
PB1, SC1MISO, SC1MOSI, SC1SDA, SC1TXD, TIM2C1
PA6, TIM1C3
VDD_PADS
PA5, ADC5, PTI_DATA, nBOOTMODE, TRACEDATA3
PA4, ADC4, PTI_EN, TRACEDATA2
PA3, SC2nSSEL, TRACECLK, TIM2C2
13 14 15 16 17 18 19 20 21 22 23 24
12
11
nRESET
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
34
35
36
48 47 46 45 44 43 42 41 40 39 38 37
49
GND
EM35x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More