Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4356-RX-434 Fiches technique(PDF) 23 Page - Silicon Laboratories

No de pièce 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Fiches technique(HTML) 23 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 18Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 19Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 20Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 21Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 22Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 23Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 24Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 25Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 26Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Si4356
Rev 1.2
23
10. PCB Land Pattern
Figure 9. 20-pin QFN PCB Land Pattern (Top View)
Table 16. PCB Land Pattern Dimensions
Dimension
Min
Max
C1
3.00
C2
3.00
E
0.50 REF
X1
0.25
0.35
X2
1.65
1.75
Y1
0.85
0.95
Y2
1.65
1.75
Y3
0.37
0.47
f
2.40 REF
c
0.25
0.35
Note:
: All dimensions shown are in millimeters (mm) unless otherwise noted.
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26