Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4356-RX-434 Fiches technique(PDF) 20 Page - Silicon Laboratories

No de pièce 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Fiches technique(HTML) 20 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 16Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 17Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 18Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 19Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 20Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 21Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 22Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 23Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Si4356
20
Rev 1.2
8. Ordering Information
Part Number*
Description
Package Type
Operating
Temperature
Si4356-B1A-FM
Si4356 EZRadio Standalone Receiver
3x3 QFN-20
Pb-free
–40 to 85 °C
*Note:
Add an “R” at the end of the device part number to denote tape and reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26